Part Number Hot Search : 
10050 1N5400G 00312 1G100US SMS007YC 24LC0 BR5000 HGL34B
Product Description
Full Text Search
 

To Download FX6A-80S-08SV2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 0.8mm Pitch Stacking Height 5 to 9mm Connector
FX6 Series
Stacking Height: 5 to 9mm
5~9mm
Mounting area 50% OFF, compared with the half pitch connector Half pitch connector (FX2 series) FX6 series (If compared with 60 contacts)
sFeatures
1. Stacking Height 5 to 9mm
The board to board stacking height can be set at every millimeter between 5 and 9mm.
4. Automatic Mounting
The standard packaging specification specifies the stick package, considering the automatic mount, while the emboss package can also correspond to the connector with less than 80 contacts. (However, the product is limited to 80 contacts.)
2. Effective Contact Length 1.7mm
3. Mating Guide
Despite the low profile type connector, the connector has the 1.7mm long effective contact length and provides a margin 5. SMT Coplanarity The lead coplanarity on the SMT soldered area is maintained sufficient to contact. with the high accuracy of less than 0.1mm. The self-alignment for mating action exhibits a high guide level at 1mm, and makes the mating process easier by providing the guide rib.
sApplications
Note PC, business equipments such as handy terminals, and other equipment which require miniaturization or light-weight.
sProduct Specifications
Rating Current rating 0.5A Voltage rating 100V AC Operating Temperature Range -55c to +85c Note 1. Operating Humidity Range 40% to 80% Storage Temperature Range -10c to +60c Note 2. Storage Humidity Range 40% to 70% Condition 250V DC 300V AC/1 minute 100mA
Item 1. Insulation Resistance 2. Withstanding voltage 3. Contact Resistance 4. Vibration 5. Humidity (Steady state)
Specification 100M ohms min
No flashover or insulation breakdown.
40m ohms max.
No electrical discontinuity of 1s or more
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions. 96 hours at temperature of 40c and humidity of 90% to 95%
(-55c: 30 minutes 15 to 35c: 2 to 3 minutes (-85c: 30 minutes 15 to 35c: 2 to 3minutes)5 cycles 100 cycles
Contact resistance: 50m ohms max. Insulation resistance: 100m ohms min. Contact resistance: 50m ohms max: 6. Temperature Cycle Insulation resistance: 100m ohms min. 7. Durability (Mating/un-mating) Contact resistance: 50m ohms max. 8. Resistance to Soldering No deformation of components affecting performance. heat
Reflow: At the recommended temperature profile Manual soldering: 300c for 3 seconds
Note 1: Includes temperature rise caused by current flow. Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and Humidity range covers non conducting condition of installed connectors in storage, shipment or during transportation.
A213
sMaterial
Part Insulation Header Contact Receptacle Contact Note : The black dots on the insulater will not affect performance. PPS Phosphor bronze Material Light brown Contact area Lead area Gold plated Tin-lead plated Finish Remarks UL94V-0 -------- --------
sOrdering Information
FX6
1
q Series Name: FX6 w Blank: With boss A : Without boss
(A) - * P - 0.8 SV 1 (21)
2 3 4 5
y Contact type
6
7
8
SV: Board vertical type 2 : +2mm
u Product Height Variable Blank : Standard, 1: +1mm i Packaging Style Blank P: Header S: Receptacle : Stick packaging (No pick & place tape) (21) : Stick packaging (Pick & place tape) (22) : Embossed tape packaging (No pick & place tape) (23) : Embossed tape packaging (Pick & place Stick tape)
e Number of Contacts : 20,40,50,60,80,100 r Connector Type
t Contact Pitch: 0.8mm
sStacking Height Variation
Unit: mm FX6(A)-*S-0.8SV FX6(A)-P-0.8SV FX6(A)-P-0.8SV1 FX6(A)-P-0.8SV2 5 6 7 FX6(A)-*S-0.8SV2 8 9
5 to 9
7
(* indicates 20, 40, 50, 60, 80, and 100 contacts.)
sPackaging Type
Packaging Type Stick Packaging Number of Contacts Packaged Product Pieces Sales Unit Tape Width Product Pitch Embossed Tape Packaging Emboss Reel Diameter Packaged Product Pieces Sales Unit 20 contacts 40 contacts 50 contacts 33 pieces 24mm 22 pieces 44mm 19 pieces 44mm 12mm FX6(A)_*S-0.8SV ...................................................O330mm FX6(A)_*P_0.8SV.FX6(A)_*S-0.8SV2 .....................O360mm FX6(A)_*P_0.8SV1.FX6(A)_*P-0.8SV2 ..................O380mm 1000 pieces packaged per reel Per reel 60contacts 16 pieces 44mm 80 contacts 100 contacts 13 pieces 56mm 11 pieces
Order by doubling the number of pieces contained in the product. (Example) In case of 20 contacts,33 pieces, 66 pieces,...
A214
With Boss Type sHeader-Stacking Height: Standard type
BPCB mounting pattern
Unit: mm Part Number FX6-020P-0.8SV FX6-040P-0.8SV FX6-050P-0.8SV FX6-060P-0.8SV FX6-080P-0.8SV FX6-100P-0.8SV CL No. 576-0001-3 576-0003-9 576-0004-1 576-0005-4 576-0007-0 576-0008-2 Number of Contacts 20 40 50 60 80 100 A 15.8 23.8 27.8 31.8 39.8 47.8 B 12.9 20.9 24.9 28.9 36.9 44.9 C 10.7 18.7 22.7 26.7 34.7 42.7 D 07.2 15.2 19.2 23.2 31.2 39.2 E 12.8 20.8 24.8 28.8 36.8 44.8
Note:Determine a quantity of the stick package product for delivery, multiplying the insertion pieces per contact number by an integer. Please make sure that a quantity of the stick package product for delivery is determined per reel (1000 pieces). (Refer to the delivery form item on page A214 for details.)
A215
With Boss Type sHeader-Stacking Height: Standard type
BPCB mounting pattern
Unit: mm Part Number FX6-020P-0.8SV1 FX6-040P-0.8SV1 FX6-050P-0.8SV1 FX6-060P-0.8SV1 FX6-080P-0.8SV1 FX6-100P-0.8SV1 CL No. 576-0021-0 576-0023-6 576-0024-9 576-0025-1 576-0027-7 576-0028-0 Number of Contacts 20 40 50 60 80 100 A 15.8 23.8 27.8 31.8 39.8 47.8 B 12.9 20.9 24.9 28.9 36.9 44.9 C 10.7 18.7 22.7 26.7 34.7 42.7 D 07.2 15.2 19.2 23.2 31.2 39.2 E 12.8 20.8 24.8 28.8 36.8 44.8
Note:Determine a quantity of the stick package product for delivery, multiplying the insertion pieces per contact number by an integer. Make sure that a quantity of the stick package product for delivery is determined per reel (1000 pieces). (Refer to the delivery form item on page A214 for details.)
A216
With Boss Type sHeader-Stacking Height: Standard+2mm type
BPCB mounting pattern
Unit: mm
Part Number CL No. Number of Contacts
A 15.8 23.8 27.8 31.8 39.8 47.8
B 12.9 20.9 24.9 28.9 36.9 44.9
C 10.7 18.7 22.7 26.7 34.7 42.7
D 07.2 15.2 19.2 23.2 31.2 39.2
E 12.8 20.8 24.8 28.8 36.8 44.8
FX6-020P-0.8SV2 FX6-040P-0.8SV2 FX6-050P-0.8SV2 FX6-060P-0.8SV2 FX6-080P-0.8SV2 FX6-100P-0.8SV2
576-0041-8 576-0043-3 576-0044-6 576-0045-9 576-0047-4 576-0048-7
20 40 50 60 80 100
Note:Determine a quantity of the stick package product for delivery, multiplying the insertion pieces per contact number by an integer. Make sure that a quantity of the stick package product for delivery is determined per reel (1000 pieces). (Refer to the delivery form item on page A214 for details.)
A217
With Boss Type sReceptacle-Stacking Height: Standard type
BPCB mounting pattern
Unit: mm Part Number FX6-020S-0.8SV FX6-040S-0.8SV FX6-050S-0.8SV FX6-060S-0.8SV FX6-080S-0.8SV FX6-100S-0.8SV CL No. 576-0101-8 576-0103-3 576-0104-6 576-0105-9 576-0107-4 576-0108-7 Number of Contacts 20 40 50 60 80 100 A 15.8 23.8 27.8 31.8 39.8 47.8 B 12.95 20.95 24.95 28.95 36.95 44.95 C 10.9 18.9 22.9 26.9 34.9 42.9 D 07.2 15.2 19.2 23.2 31.2 39.2 E 11.2 19.2 23.2 27.2 35.2 43.2
Note:Determine a quantity of the stick package product for delivery, multiplying the insertion pieces per contact number by an integer. Make sure that a quantity of the stick package product for delivery is determined per reel (1000 pieces). (Refer to the delivery form item on page A214 for details.)
A218
With Boss Type sReceptacle-Stacking Height: Standard+2mm type
BPCB mounting pattern
Unit: mm Part Number FX6-020S-0.8SV2 FX6-040S-0.8SV2 FX6-050S-0.8SV2 FX6-060S-0.8SV2 FX6-080S-0.8SV2 FX6-100S-0.8SV2 CL No. 576-0121-5 576-0123-0 576-0124-3 576-0125-6 576-0127-1 576-0128-4 Number of Contacts 20 40 50 60 80 100 A 15.8 23.8 27.8 31.8 39.8 47.8 B 12.95 20.95 24.95 28.95 36.95 44.95 C 10.9 18.9 22.9 26.9 34.9 42.9 D 07.2 15.2 19.2 23.2 31.2 39.2 E 11.2 19.2 23.2 27.2 35.2 43.2
Note:Determine a quantity of the stick package product for delivery, multiplying the insertion pieces per contact number by an integer. Make sure that a quantity of the stick package product for delivery is determined per reel (1000 pieces). (Refer to the delivery form item on page A214 for details.)
A219
Without Boss Type sHeader-Stacking Height: Standard type
BPCB mounting pattern
Unit: mm Part Number FX6A-020P-0.8SV FX6A-040P-0.8SV FX6A-050P-0.8SV FX6A-060P-0.8SV FX6A-080P-0.8SV FX6A-100P-0.8SV CL No. 576-0201-2 576-0203-8 576-0204-0 576-0205-3 576-0207-9 576-0208-1 Number of Contacts 20 40 50 60 80 100 A 15.8 23.8 27.8 31.8 39.8 47.8 B 12.9 20.9 24.9 28.9 36.9 44.9 C 10.7 18.7 22.7 26.7 34.7 42.7 D 07.2 15.2 19.2 23.2 31.2 39.2
Note:Determine a quantity of the stick package product for delivery, multiplying the insertion pieces per contact number by an integer. Please make sure that a quantity of the stick package product for delivery is determined per reel (1000 pieces). (Refer to the delivery form item on page A214 for details.)
A220
Without Boss Type sHeader-Stacking Height: Standard+1 type
BPCB mounting pattern
Unit: mm Part Number FX6A-020P-0.8SV1 FX6A-040P-0.8SV1 FX6A-050P-0.8SV1 FX6A-060P-0.8SV1 FX6A-080P-0.8SV1 FX6A-100P-0.8SV1 CL No. 576-0221-0 576-0223-5 576-0224-8 576-0225-0 576-0227-6 576-0228-9 Number of Contacts 20 40 50 60 80 100 A 15.8 23.8 27.8 31.8 39.8 47.8 B 12.9 20.9 24.9 28.9 36.9 44.9 C 10.7 18.7 22.7 26.7 34.7 42.7 D 07.2 15.2 19.2 23.2 31.2 39.2
Note:Determine a quantity of the stick package product for delivery, multiplying the insertion pieces per contact number by an integer. Please make sure that a quantity of the stick package product for delivery is determined per reel (1000 pieces). (Refer to the delivery form item on page A214 for details.)
A221
Without Boss Type sReceptacle-Stacking Height: Standard+2mm type
BPCB mounting pattern
Unit: mm Part Number FX6A-020P-0.8SV2 FX6A-040P-0.8SV2 FX6A-050P-0.8SV2 FX6A-060P-0.8SV2 FX6A-080P-0.8SV2 FX6A-100P-0.8SV2 CL No. 576-0241-7 576-0243-2 576-0244-5 576-0245-8 576-0247-3 576-0248-6 Number of Contacts 20 40 50 60 80 100 A 15.8 23.8 27.8 31.8 39.8 47.8 B 12.9 20.9 24.9 28.9 36.9 44.9 C 10.7 18.7 22.7 26.7 34.7 42.7 D 07.2 15.2 19.2 23.2 31.2 39.2
Note:Determine a quantity of the stick package product for delivery, multiplying the insertion pieces per contact number by an integer. Please make sure that a quantity of the stick package product for delivery is determined per reel (1000 pieces). (Refer to the delivery form item on page A214 for details.)
A222
Without Boss Type sReceptacle-Stacking Height: Standard type
BPCB mounting pattern
Unit: mm Part Number FX6A-020S-0.8SV FX6A-040S-0.8SV FX6A-050S-0.8SV FX6A-060S-0.8SV FX6A-080S-0.8SV FX6A-100S-0.8SV CL No. 576-0301-7 576-0303-2 576-0304-5 576-0305-8 576-0307-3 576-0308-6 Number of Contacts 20 40 50 60 80 100 A 15.8 23.8 27.8 31.8 39.8 47.8 B 12.95 20.95 24.95 28.95 36.95 44.95 C 10.9 18.9 22.9 26.9 34.9 42.9 D 07.2 15.2 19.2 23.2 31.2 39.2
Note:Determine a quantity of the stick package product for delivery, multiplying the insertion pieces per contact number by an integer. Please make sure that a quantity of the stick package product for delivery is determined per reel (1000 pieces). (Refer to the delivery form item on page A214 for details.)
A223
Without Boss Type sReceptacle-Stacking Height: Standard+2mm type
BPCB mounting pattern
Unit: mm Part Number FX6A-020S-0.8SV2 FX6A-040S-0.8SV2 FX6A-050S-0.8SV2 FX6A-060S-0.8SV2 FX6A-080S-0.8SV2 FX6A-100S-0.8SV2 CL No. 576-0321-4 576-0323-0 576-0324-2 576-0325-5 576-0327-0 576-0328-3 Number of Contacts 20 40 50 60 80 100 A 15.8 23.8 27.8 31.8 39.8 47.8 B 12.95 20.95 24.95 28.95 36.95 44.95 C 10.9 18.9 22.9 26.9 34.9 42.9 D 07.2 15.2 19.2 23.2 31.2 39.2
Note:Determine a quantity of the stick package product for delivery, multiplying the insertion pieces per contact number by an integer. Please make sure that a quantity of the stick package product for delivery is determined per reel (1000 pieces). (Refer to the delivery form item on page A214 for details.)
A224
BPrecautions 1. Tolerance Clearance on Mating Side
The effective contact length of the product is set to 1.7mm. Please use the products as to set the clearance within 1.0mm between the header and the receptacle in the mating process.
2. Mounting Temperature Profile (Reference)
Applicable Conditions Reflow system Solder Test board Metal mask thickness :IR reflow :Paste type 63 Sn/37 Pb (Flux content 11 wt%) :Glass epoxy 110mm x 55mm x 1.6 mm :0.15 mm
Recommended temperature profile. The temperature may be slightly changed according to the solder paste type and amount.
3. Board to Board Size
The board to board size of the male/female connector shown in the application pattern doesn't include the solder paste thickness. Thus, after the connector is mounted on the board, consider that the board to board size will be widened in proportion to the solder paste thickness.
A225


▲Up To Search▲   

 
Price & Availability of FX6A-80S-08SV2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X